Part Number Hot Search : 
MB91F MBB31TA L6910A BRCMD F200B G321EV5R M25P16 NTC2516
Product Description
Full Text Search
 

To Download MURF1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MURF1660CT/D
Advance Information SWITCHMODETM Power Rectifier
Designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features: * * * * * * * * Ultrafast 60 Nanosecond Recovery Times 150C Operating Junction Temperature Epoxy Meets UL94, VO @ 1/8 High Temperature Glass Passivated Junction Low Leakage Specified @ 150C Case Temperature Current Derating @ Both Case and Ambient Temperatures Electrically Isolated. No Isolation Hardware Required. UL Recognized File #E69369 (1)
1 3
MURF1660CT
Motorola Preferred Device
ULTRAFAST RECTIFIER 16 AMPERES 600 VOLTS
Mechanical Characteristics 2 * Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Marking: U1660 MAXIMUM RATINGS, PER LEG
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Total Device, (Rated VR), TC = 150C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz), TC = 150C Non-repetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction and Storage Temperature RMS Isolation Voltage (t = 1 second, R.H. 30%, TA = 25C) (2) Per Figure 3 Per Figure 4 (1) Per Figure 5 Per Diode Per Device
1 2 3
CASE 221D-02 ISOLATED TO-220
Symbol VRRM VRWM VR IF(AV) IFM IFSM TJ, Tstg Viso1 Viso2 Viso3
Value 600
Unit Volts
8 16 16 100 - 65 to +150 4500 3500 1500
Amps Amps Amps C Volts
THERMAL CHARACTERISTICS, PER LEG
Maximum Thermal Resistance, Junction to Case Lead Temperature for Soldering Purposes: 1/8 from Case for 5 Seconds (1) UL Recognized mounting method is per Figure 4. (2) Proper strike and creepage distance must be provided. RJC TL 3.0 260 C/W C
SWITCHMODE is a trademark of Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice. Preferred devices are Motorola recommended choices for future use and best overall value. Rev 1
(c)RectifierInc. 1996 Data Motorola, Device
1
MURF1660CT
ELECTRICAL CHARACTERISTICS, PER LEG
Characteristic Maximum Instantaneous Forward Voltage (3) (iF = 8.0 Amp, TC = 150C) (iF = 8.0 Amp, TC = 25C) Maximum Instantaneous Reverse Current (3) (Rated dc Voltage, TC = 150C) (Rated dc Voltage, TC = 25C) Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amp/s) (IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp) (3) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. Symbol vF 1.20 1.50 iR 500 10 trr 60 50 ns A Value Unit Volts
i F , INSTANTANEOUS FORWARD CURRENT (AMPS)
100 50 20 10 5 2 1 0.5 0.2 0.1 100C I R, REVERSE CURRENT ( A) TJ = 150C 25C
10 K 1.0 K 100 TJ = 150C 10 1.0 25C 0.1 0.01 100C
0.4
0.6
1.0 1.2 0.8 1.4 vF, INSTANTANEOUS VOLTAGE (V)
1.6
1.8
100
200
300 400 VR, REVERSE VOLTAGE (V)
500
600
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Typical Reverse Current, Per Leg*
2
Rectifier Device Data
MURF1660CT
TEST CONDITIONS FOR ISOLATION TESTS*
MOUNTED FULLY ISOLATED PACKAGE LEADS MOUNTED FULLY ISOLATED PACKAGE LEADS MOUNTED FULLY ISOLATED PACKAGE
CLIP
CLIP
0.107 MIN
0.107 MIN
LEADS
HEATSINK 0.110 MIN
HEATSINK
HEATSINK
Figure 3. Clip Mounting Position for Isolation Test Number 1
Figure 4. Clip Mounting Position for Isolation Test Number 2
Figure 5. Screw Mounting Position for Isolation Test Number 3
* Measurement made between leads and heatsink with all leads shorted together.
MOUNTING INFORMATION**
4-40 SCREW PLAIN WASHER
CLIP
HEATSINK COMPRESSION WASHER NUT HEATSINK
6a. Screw-Mounted Figure 6. Typical Mounting Techniques
6b. Clip-Mounted
Laboratory tests on a limited number of samples indicate, when using the screw and compression washer mounting technique, a screw torque of 6 to 8 in . lbs is sufficient to provide maximum power dissipation capability. The compression washer helps to maintain a constant pressure on the package over time and during large temperature excursions. Destructive laboratory tests show that using a hex head 4-40 screw, without washers, and applying a torque in excess of 20 in . lbs will cause the plastic to crack around the mounting hole, resulting in a loss of isolation capability. Additional tests on slotted 4-40 screws indicate that the screw slot fails between 15 to 20 in . lbs without adversely affecting the package. However, in order to positively ensure the package integrity of the fully isolated device, Motorola does not recommend exceeding 10 in . lbs of mounting torque under any mounting conditions. **For more information about mounting power semiconductors see Application Note AN1040.
Rectifier Device Data
3
MURF1660CT
PACKAGE DIMENSIONS
-T- F Q A
123
SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L N Q R S U INCHES MIN MAX 0.621 0.629 0.394 0.402 0.181 0.189 0.026 0.034 0.121 0.129 0.100 BSC 0.123 0.129 0.018 0.025 0.500 0.562 0.045 0.060 0.200 BSC 0.126 0.134 0.107 0.111 0.096 0.104 0.259 0.267 MILLIMETERS MIN MAX 15.78 15.97 10.01 10.21 4.60 4.80 0.67 0.86 3.08 3.27 2.54 BSC 3.13 3.27 0.46 0.64 12.70 14.27 1.14 1.52 5.08 BSC 3.21 3.40 2.72 2.81 2.44 2.64 6.58 6.78
-B-
C S U
H K -Y-
G N L D
3 PL M
J R
0.25 (0.010)
B
M
Y
STYLE 3: PIN 1. ANODE 2. CATHODE 3. ANODE
CASE 221D-02 (ISOLATED TO-220) ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
4
MURF1660CT/D Rectifier Device Data


▲Up To Search▲   

 
Price & Availability of MURF1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X